Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLE-038-075 Fiches technique(PDF) 3 Page - Everlight Electronics Co., Ltd

No de pièce CDLE-038-075
Description  383-2SURC-S400-A6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-038-075 Fiches technique(HTML) 3 Page - Everlight Electronics Co., Ltd

  CDLE-038-075 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-038-075 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-038-075 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-038-075 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-038-075 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-038-075 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
383-2SURC/S400-A6
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=5
V
//
10
μA
Iv
IF=
20
mA
4000
6300
mcd
2θ1/2
IF=
20
mA
6
deg
λp
IF=
20
mA
632
nm
λd
IF=
20
mA
624
nm
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
4
Page: 3 of 6
Device Number :
CDLE-038-075
Prepared date:
Prepared by:
Guangxiu Yuan
.
Dominant Wavelength
Spectrum Radiation
Bandwidth
Luminous Intensity
Viewing Angle
Peak Wavelength
2004/6/25
Condition
Forward Voltage
Reverse Current
Parameter


Numéro de pièce similaire - CDLE-038-075

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
CDLE-038-073 EVERLIGHT-CDLE-038-073 Datasheet
107Kb / 6P
   5.0mm Round Type LED Lamps
CDLE-038-078 EVERLIGHT-CDLE-038-078 Datasheet
102Kb / 6P
   5.0mm Round Type LED Lamps
More results

Description similaire - CDLE-038-075

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
3294-15SURC-S400-A7 EVERLIGHT-3294-15SURC-S400-A7 Datasheet
97Kb / 6P
   3294-15SURC-S400-A7
logo
List of Unclassifed Man...
1224UYOC-S530-A6 ETC1-1224UYOC-S530-A6 Datasheet
95Kb / 6P
   1224UYOC-S530-A6
logo
Tyco Electronics
2-1393561-9 MACOM-2-1393561-9 Datasheet
28Kb / 1P
   SBM 383 Randelschraube
logo
Lapp.
44429316 LAPP-44429316 Datasheet
136Kb / 2P
   EPIC® LS1.5 A6
17.09.2018
logo
PHOENIX CONTACT
2301749 PHOENIX-2301749 Datasheet
86Kb / 3P
   Front adapters - FLKM S135/S400/SO122
09/12/2020
2301794 PHOENIX-2301794 Datasheet
71Kb / 3P
   Front adapters - FLKM S135/S400/SO127
09/12/2020
2294429 PHOENIX-2294429 Datasheet
92Kb / 3P
   FLKM 50/ 4-FLK14/PA-S400
logo
List of Unclassifed Man...
1096U ETC2-1096U Datasheet
45Kb / 1P
   Normal Phase Test Mix-A6
logo
PHOENIX CONTACT
1679317 PHOENIX-1679317 Datasheet
106Kb / 4P
   HC-M-MHR-A6-N
2314859 PHOENIX-2314859 Datasheet
74Kb / 3P
   Front adapters - FLKM S135-454-4UA/S400
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com