Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLE-033-1299 Fiches technique(PDF) 5 Page - Everlight Electronics Co., Ltd

No de pièce CDLE-033-1299
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-033-1299 Fiches technique(HTML) 5 Page - Everlight Electronics Co., Ltd

  CDLE-033-1299 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CDLE-033-1299 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATASHEET
LAMP
333-2SUBD/S400-A4
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jul.03. 2014. Issue No: DLE-0006814_Rev.1
www.everlight.com
Pb
EL ECTROSTATICELECTRONAGNETIC
MAGNETICORRADIOACTIVERELDS
anti-staticfor 750
Moisture Resistant Packing Materials
Label Explanation
CPN: Customer's
Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF:
Forward Voltage
LOT No: Lot Number
Packing Specification
Anti-electrostatic bag
Inner Carton
Outside Carton
RoHS
Pb
X
EVERLIGHT
333-2SUBD/S400-A4
Packing Quantity
1. Min 200 To 500 PCS/1 Bag, 5 Bags/1 Inner Carton
2. 10 Inner Cartons/1 Outside Carton


Numéro de pièce similaire - CDLE-033-1299

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
CDLE-033-1221 EVERLIGHT-CDLE-033-1221 Datasheet
144Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
More results

Description similaire - CDLE-033-1299

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com