Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM04H-P05-35K-N51-TR Fiches technique(PDF) 9 Page - Everlight Electronics Co., Ltd

No de pièce LM04H-P05-35K-N51-TR
Description  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-35K-N51-TR Fiches technique(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button LM04H-P05-35K-N51-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd LM04H-P05-35K-N51-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.346
0.369
0.338
0.362
0.345
0.356
0.337
0.349
0.353
0.362
0.345
0.356
50K-1
0.355
0.376
50K-2
0.346
0.369
Reference Range: 4745~5000K
Reference Range: 5000~5310K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.345
0.356
0.337
0.349
0.344
0.343
0.337
0.337
0.352
0.349
0.344
0.343
50K-4
0.353
0.362
50K-3
0.345
0.356
Reference Range: 4745~5000K
Reference Range: 5000~5310K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.354
0.321
0.346
0.329
0.342
0.321
0.335
0.337
0.349
0.329
0.342
57K-1
0.338
0.362
57K-2
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.342
0.321
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
57K-4
0.337
0.349
57K-3
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.312
0.339
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
65K-1
0.321
0.348
65K-2
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.313
0.329
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
65K-4
0.321
0.337
65K-3
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K


Numéro de pièce similaire - LM04H-P05-35K-N51-TR

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
LM04H-P05-35K-N51-TR EVERLIGHT-LM04H-P05-35K-N51-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

Description similaire - LM04H-P05-35K-N51-TR

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com