Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLE-329-017 Fiches technique(PDF) 6 Page - Everlight Electronics Co., Ltd

No de pièce CDLE-329-017
Description  3294-15SURC-S400-A7
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-329-017 Fiches technique(HTML) 6 Page - Everlight Electronics Co., Ltd

  CDLE-329-017 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-329-017 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-329-017 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-329-017 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-329-017 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-329-017 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
Packing Quantity Specification
1.1000PCS/1Bag,4Bags/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 2
Device Number :
CDLE-329-017
Prepared date:
2006/3/6
Prepared by:
Page: 6 of 6
Xiuzhen Feng
3294-15SURC/S400-A7
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
3294-15SURC/S400-A7


Numéro de pièce similaire - CDLE-329-017

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
CDLE-329-018 EVERLIGHT-CDLE-329-018 Datasheet
144Kb / 7P
   3.0mm Round Type LED Lamps
CDLE-329-019 EVERLIGHT-CDLE-329-019 Datasheet
142Kb / 7P
   3.0mm Round Type LED Lamps
More results

Description similaire - CDLE-329-017

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
383-2SURC-S400-A6 EVERLIGHT-383-2SURC-S400-A6 Datasheet
100Kb / 6P
   383-2SURC-S400-A6
logo
List of Unclassifed Man...
CMOD-A7 ETC-CMOD-A7 Datasheet
639Kb / 10P
   Cmod A7 Reference Manual
June 24, 2016
A31 ETC2-A31 Datasheet
1Mb / 42P
   Quad Cortex-A7 Subsystem
logo
PHOENIX CONTACT
2301749 PHOENIX-2301749 Datasheet
86Kb / 3P
   Front adapters - FLKM S135/S400/SO122
09/12/2020
2301794 PHOENIX-2301794 Datasheet
71Kb / 3P
   Front adapters - FLKM S135/S400/SO127
09/12/2020
2294429 PHOENIX-2294429 Datasheet
92Kb / 3P
   FLKM 50/ 4-FLK14/PA-S400
2314859 PHOENIX-2314859 Datasheet
74Kb / 3P
   Front adapters - FLKM S135-454-4UA/S400
09/12/2020
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
logo
Bel Fuse Inc.
X5536500A7-F BEL-X5536500A7-F Datasheet
962Kb / 2P
   ELECTRICAL SPECIFICATION S553-6500-A7-F
logo
PHOENIX CONTACT
2294908 PHOENIX-2294908 Datasheet
56Kb / 3P
   System connectors - FLKM 50-PA-S400(3-48)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com