Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ91 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce BUZ91
Description  SIPMOS Power Transistor(N Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ91 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  BUZ91 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 91
Not for new design
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
8.5
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
34
Inverse diode forward voltage
VGS = 0 V, IF = 16 A
VSD
-
1.1
1.2
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
480
-
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
6.5
-
µC


Numéro de pièce similaire - BUZ91

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ91 ISC-BUZ91 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ91A SIEMENS-BUZ91A Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ91A ISC-BUZ91A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUZ91

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ332A SIEMENS-BUZ332A Datasheet
215Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ332 SIEMENS-BUZ332 Datasheet
154Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com