Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD104BNP-270MC Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce CD104BNP-270MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-270MC Fiches technique(HTML) 3 Page - Sumida Corporation

  CD104BNP-270MC Datasheet HTML 1Page - Sumida Corporation CD104BNP-270MC Datasheet HTML 2Page - Sumida Corporation CD104BNP-270MC Datasheet HTML 3Page - Sumida Corporation CD104BNP-270MC Datasheet HTML 4Page - Sumida Corporation CD104BNP-270MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
0
20
40
60
80
100
120
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0 0.4 0.8
1.2 1.6 2.0
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0 0.5 1.0
1.5 2.0 2.5
0
10
20
30
40
50
60
0
7
14
21
28
35
42
0.0 0.6 1.2
1.8 2.4 3.0
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.6 1.2
1.8 2.4 3.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0 0.6 1.2
1.8 2.4 3.0
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0
0.8
1.6
2.4
3.2
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
0
10
20
30
40
50
60
1. CD104BNP-100MC
△T (℃)
L (
μH)
2. CD104BNP-120MC
△T (℃)
L (
μH)
3. CD104BNP-150MC
L (
μH)
DC (A)
5. CD104BNP-220MC
△T (℃)
L (
μH)
6. CD104BNP-270MC
DC (A)
4. CD104BNP-180MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
7. CD104BNP-330MC
△T (℃)
L (
μH)
8. CD104BNP-390MC
△T (℃)
L (
μH)
DC (A)
9. CD104BNP-470MC
DC (A)
DC (A)
10. CD104BNP-560MC
△T (℃)
L (
μH)
DC (A)
11. CD104BNP-680MC
△T (℃)
L (
μH)
DC (A)
△T (℃)
L (
μH)
L (25
℃)
△T
L (125
℃)
12. CD104BNP-820MC
△T (℃)
L (
μH)
DC (A)


Numéro de pièce similaire - CD104BNP-270MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
70Kb / 6P
   CD104
logo
ECM Electronics Limited...
CD104 ECM-CD104 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
145Kb / 2P
   POWER INDUCTORS
logo
AIT Components Ltd.
CD104 AITCOMPONENTS-CD104 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
CD104-100 AITCOMPONENTS-CD104-100 Datasheet
31Kb / 1P
   CD104 SMD POWER INDUCTOR
More results

Description similaire - CD104BNP-270MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com