Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP290-4 Fiches technique(PDF) 11 Page - Toshiba Semiconductor

No de pièce TLP290-4
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290-4 Fiches technique(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP290-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 10Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 11Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 12Page - Toshiba Semiconductor TLP290-4 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TLP290-4
HOC-1457
2011-09-08
11
IC-VCE
0
10
20
30
40
50
0
2
4
6
8
10
Collector-emitter voltage VCE (V)
Ta=25℃
20
30
15
10
IF=5mA
PC(max)
50
IC-VCE
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
Collector-emitter voltage VCE (V)
50
40
30
20
10
5
Ta=25℃
IF=2mA
IC-IF
0.1
1
10
100
0.1
1
10
100
Forward current IF (mA)
      VCE=10V
      VCE=5V
      VCE=0.4V
ICEO-Ta
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
Ambient temperature Ta (℃)
24V
10V
5V
VCE=48V
IC/IF - IF
10
100
1000
0.1
1
10
100
Forward current IF (mA)
      VCE=10V
      VCE=5V
      
VCE=0.4V


Numéro de pièce similaire - TLP290-4

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290SE TOSHIBA-TLP290SE Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results

Description similaire - TLP290-4

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com