Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4766A Fiches technique(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

No de pièce 1N4766A
Description  9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Site Internet  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4766A Fiches technique(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4766A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Numéro de pièce similaire - 1N4766A

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4766A CDI-DIODE-1N4766A Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4766A MICROSEMI-1N4766A Datasheet
49Kb / 2P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4766A DIGITRON-1N4766A Datasheet
174Kb / 3P
   9.1V TEMPERATURE COMPENSATED ZENER DIODE
logo
Dongguan City Niuhang E...
1N4766A NIUHANG-1N4766A Datasheet
354Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Description similaire - 1N4766A

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4765 MICROSEMI-1N4765 Datasheet
49Kb / 2P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 DIGITRON-1N935 Datasheet
96Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4775 MICROSEMI-1N4775 Datasheet
52Kb / 2P
   8.5 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com