Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3211SN29A Fiches technique(PDF) 5 Page - KEC(Korea Electronics)

No de pièce KIC3211SN29A
Description  Analog CMOS Integrated Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211SN29A Fiches technique(HTML) 5 Page - KEC(Korea Electronics)

  KIC3211SN29A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211SN29A Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2011. 5. 27
5/9
KIC3211 Series
Revision No : 1
OUTPUT CURRENT IOUT (mA)
1.2
0.8
1.0
1.4
0.2
0.0
0.6
0.4
0
100
200
300
400
500
KIC3211SN12
2.5V
2.2V
3.5V
1.7V
1.0
0.8
0.7
1.1
0.9
1.2
1.4
1.3
3
12
456
OUTPUT CURRENT IOUT (mA)
INPUT VOLTAGE VIN (V)
4.0
3.0
3.5
4.5
1.5
1.0
0.5
0.0
2.5
2.0
0
100
200
300
400
500
KIC3211SN40
KIC3211SN12
5.0V
4.5V
6.0V
4.3V
OUTPUT CURRENT IOUT (mA)
1.2
0.8
1.0
1.4
0.0
0.6
0.4
0
100
200
300
400
500
KIC3211SN28
3.8V
3.5V
4.8V
3.1V
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
I
OUT = 100mA
I
OUT = 30mA
I
OUT = 1mA
2.5
2.3
2.2
2.1
2.0
2.6
2.4
2.7
2.9
2.8
4
23
56
INPUT VOLTAGE VIN (V)
KIC3211SN28
TYPICAL CHARACTERISTICS
1) OUTPUT VOLTAGE vs OUTPUT CURRENT (TOPR = 25℃)
2) OUTPUT VOLTAGE vs INPUT VOLTAGE (TOPR = 25℃)


Numéro de pièce similaire - KIC3211SN29A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN12A KEC-KIC3211TSN12A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN13A KEC-KIC3211TSN13A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN14A KEC-KIC3211TSN14A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3211TSN15A KEC-KIC3211TSN15A Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
More results

Description similaire - KIC3211SN29A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com