Moteur de recherche de fiches techniques de composants électroniques |
|
KIC3210T-029 Fiches technique(PDF) 1 Page - KEC(Korea Electronics) |
|
KIC3210T-029 Fiches technique(HTML) 1 Page - KEC(Korea Electronics) |
1 / 5 page 2007. 6. 19 1/5 SEMICONDUCTOR TECHNICAL DATA Revision No : 5 150mA CMOS High Performance LDO Regulator The KIC3210T series Low Dropout Linear Regulator is ideally suited for portable applications. It offers 1% initial accuracy, extremely-low dropout voltage(135mV at 150mA) and low ground current (typically 90uA). Designed specifically for handheld and battery-powered devices, the KIC3210T provides a TTL-logic-compatible ON/OFF control pin. When disabled, power consumption drops nearly to zero. The KIC3210T also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices. Features Input voltage range : 2.7V to 6.0V Stability with ceramic output capacitors Ultra-low dropout : 135mV @ 150mA High output accuracy : 1.0% accuracy Low quiescent current : 90 A TTL-Logic-compatible ON/OFF control input Zero off-mode current Thermal shutdown and current limit protection Applications Cellular phones,Smart Phones, PDA Battery-powered equipment Laptop, notebook and palmtop computers Consumer/personal electronics DIM MILLIMETERS A B D E TSV 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 C F G H I J K 0.60 L 0.55 B E H J J 2 3 15 4 + _ + _ + _ + _ + _ 1 V IN 3 ON/OFF Control 2 GND 4 BYP 5 V OUT KIC3210T-018 ~ KIC3210T-035 CMOS Linear Integrated Circuit Type Name Lot No. 12 3 54 Marking |
Numéro de pièce similaire - KIC3210T-029 |
|
Description similaire - KIC3210T-029 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |