Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ21L Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BUZ21L
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ21L Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BUZ21L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
01/97
BUZ 21 L
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• Logic Level
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 21 L
100 V
21 A
0.085
TO-220 AB
C67078-S1338-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 25 °C
ID
21
A
Pulsed drain current
TC = 25 °C
IDpuls
84
Avalanche current,limited by
Tjmax
IAR
21
Avalanche energy,periodic limited by
Tjmax
EAR
11.5
mJ
Avalanche energy, single pulse
ID = 21 A, VDD = 25 V, RGS = 25 Ω
L = 340 µH, Tj = 25 °C
EAS
100
Gate source voltage
VGS
± 14
V
Gate-source peak voltage,aperiodic
Vgs
± 20
Power dissipation
TC = 25 °C
Ptot
75
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 1.67
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Numéro de pièce similaire - BUZ21L

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BUZ21L INFINEON-BUZ21L Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Description similaire - BUZ21L

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com