Moteur de recherche de fiches techniques de composants électroniques |
|
LC709201F Fiches technique(PDF) 2 Page - Sanyo Semicon Device |
|
LC709201F Fiches technique(HTML) 2 Page - Sanyo Semicon Device |
2 / 10 page LC709201F No.A2031-2/10 Applications • Cell phones, PDA devices, MP3 players, cordless phones, digital cameras, USB-related devices, etc. (Note) Depending on the kinds of battery, applicable model differs (LC709201F-01/02/03). Please contact us for more detail information. Package Dimensions unit : mm (typ) 3086B Package Dimensions unit : mm (typ) 3318 SANYO : MFP10S(225mil) 1 10 5 6 (0.5) 1.0 0.35 5.0 0.15 2.6 0.25 SIDE VIEW SIDE VIEW BOTTOM VIEW TOP VIEW LASER MARKED INDEX 0.5 (0.55) (C0.116) (0.125) 1 2 SANYO : VCT16(2.6X2.6) |
Numéro de pièce similaire - LC709201F |
|
Description similaire - LC709201F |