Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1848MC Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1848MC
Description  Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1848MC Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1848MC Datasheet HTML 1Page - Sanyo Semicon Device LB1848MC Datasheet HTML 2Page - Sanyo Semicon Device LB1848MC Datasheet HTML 3Page - Sanyo Semicon Device LB1848MC Datasheet HTML 4Page - Sanyo Semicon Device LB1848MC Datasheet HTML 5Page - Sanyo Semicon Device LB1848MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LB1848MC
No.A2036-3/6
Pin Assignment
Block Diagram
Note: When the “soft off” function is used, a capacitor must be connected to the SOF pin. IF this function is not used, this pin must be left open with absolutely
no signals or lines connect.
Truth Tables
ENA
IN1
IN2
OUT1
OUT2
OUT3
OUT4
L
-
-
OFF
OFF
OFF
OFF
H
L
L
H
L
H
L
L
H
H
L
L
H
H
H
L
H
L
H
H
L
L
H
H
L
Note: *1 "-" indicates a "don‛t care" input.
VCC
OUT1
Stepping
Motor
OUT2
OUT3
OUT4
IN1
IN2
ENA
SOF*
GND
102 to 103
OUT4
10
OUT3
9
OUT1
8
OUT2
7
GND
Top view
6
VCC 1
IN2
2
ENA 3
SOF 4
IN1
5
LB1848MC


Numéro de pièce similaire - LB1848MC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
More results

Description similaire - LB1848MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846M SANYO-LB1846M Datasheet
104Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com