Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS40A09-P1J Fiches technique(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No de pièce GS40A09-P1J
Description  40WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS40A09-P1J Fiches technique(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS40A09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS40A09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:GS40-SPEC 2012-03-06
AMBIENTTEMPERATURE(
)
0
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
POWERLED
Plug Assignment
Standardplug:P1J
P/N
OUTPUT
P1J
CENTER
+
G S 4 0 series
40W AC-DCSingleOutputDesktop
70 10mm
11 0.5mm
UL118516AWG1000 50mmfor5~15V
UL118518AWG1800 50mmfor18~48V
ID2.1xOD5.5
C"+"
CaseNo.974A
Unit:mm
125
31.5


Numéro de pièce similaire - GS40A09-P1J

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
GS40A09-P1J MEANWELL-GS40A09-P1J Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40A09-P1J MEANWELL-GS40A09-P1J Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
More results

Description similaire - GS40A09-P1J

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
GS40 MEANWELL-GS40 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
P40A MEANWELL-P40A Datasheet
165Kb / 2P
   15~40WAC-DC Single Output Desktop
P40B MEANWELL-P40B Datasheet
156Kb / 2P
   15~40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com