Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ11AL Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce BUZ11AL
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ11AL Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  BUZ11AL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 8Page - Siemens Semiconductor Group BUZ11AL Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
07/96
BUZ 11 AL
Not for new design
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
°C
160
T
C
0
10
20
30
40
50
60
W
80
P
tot
Drain current
ID = ƒ(TC)
parameter:
VGS ≥ 5 V
0
20
40
60
80
100
120
°C
160
T
C
0
2
4
6
8
10
12
14
16
18
20
22
24
A
28
I
D
Safe operating area
I
D = ƒ(VDS)
parameter:
D = 0, T
C = 25°C
0
10
1
10
2
10
3
10
A
I
D
10
0
10
1
10
2
V
V
DS
R DS(on)
=
V DS
/
I D
DC
10 ms
1 ms
100 µs
t
p
= 48.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter:
D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Numéro de pièce similaire - BUZ11AL

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ11AL ISC-BUZ11AL Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUZ11AL

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com