Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3KW24A Fiches technique(PDF) 2 Page - Protek Devices

No de pièce SM3KW24A
Description  3000 WATT TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM3KW24A Fiches technique(HTML) 2 Page - Protek Devices

  SM3KW24A Datasheet HTML 1Page - Protek Devices SM3KW24A Datasheet HTML 2Page - Protek Devices SM3KW24A Datasheet HTML 3Page - Protek Devices SM3KW24A Datasheet HTML 4Page - Protek Devices SM3KW24A Datasheet HTML 5Page - Protek Devices SM3KW24A Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05332.R1 1/12
Page 2
SM3KW24A
tyPiCAl DeViCe ChARACteRiStiCS
MAXiMuM RAtingS @ 25°C unless otherwise Specified
PARAMeteR
SyMBol
VAlue
unitS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
3,000
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
eleCtRiCAl ChARACteRiStiCS PeR line @ 25°C unless otherwise Specified
PARt
nuMBeR
MARKing
CoDe
RAteD
StAnD-oFF
VoltAge
V
WM
VoltS
MiniMuM
BReAKDoWn
VoltAge
MAXiMuM
leAKAge
CuRRent
@V
WM
i
D
µA
MAXiMuM
ClAMPing
VoltAge
(Fig. 2)
@ 10/1000µs
V
C @ iPP
Min
V
(BR)
VoltS
@i
t
mA
SM3KW24A
3U24
24
26.7
1
3
43.0V @ 69.8A


Numéro de pièce similaire - SM3KW24A

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM3KW24A PROTEC-SM3KW24A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results

Description similaire - SM3KW24A

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com