Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA5750 Fiches technique(PDF) 4 Page - Protek Devices

No de pièce PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Fiches technique(HTML) 4 Page - Protek Devices

  PA5750 Datasheet HTML 1Page - Protek Devices PA5750 Datasheet HTML 2Page - Protek Devices PA5750 Datasheet HTML 3Page - Protek Devices PA5750 Datasheet HTML 4Page - Protek Devices PA5750 Datasheet HTML 5Page - Protek Devices PA5750 Datasheet HTML 6Page - Protek Devices PA5750 Datasheet HTML 7Page - Protek Devices PA5750 Datasheet HTML 8Page - Protek Devices PA5750 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
4
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
2. 32-PIN QFN LAYOUT AND PIN DESCRIPTIONS.
The PA5750 is PIN to PIN compatible with the WM8750 except PIN 29. Where PA5750 uses it as a reference pin, while the
WM8750 uses it as a digital mode pin.
PIN
NAME
Designation
Description
1
MCLK
INPUT
Master Clock
2
DVDD
SUPPLY
Digital Core Supply
3
PVDD
SUPPLY
Digital Input, Output Supply
4
DGND
SUPPLY
Digital Ground (Return Path for DVDD and PVDD)
5
SCLK
I/O
Audio DATA Bit Clock
6
DSDIN
INPUT
DAC Audio DATA
7
DLRCK
I/O
DAC Audio DATA Left and Right Clock
8
ASDOUT
OUTPUT
ADC Audio DATA
9
ALRCK
I/O
ADC Audio Left and Right Clock
10
MOUT
OUTPUT
MONO Output
11
OUT3
OUTPUT
Analog Output 3 (can be used as Headphone Pseudo Ground)
12
ROUT1
OUTPUT
Right Output 1 (line or speaker/headphone)
13
LOUT2
OUTPUT
Left Output 1 (line or speaker/headphone)
14
HPGND
SUPPLY
Ground for Analog Output Drivers (LOUT1/2, ROUT1/2)
15
ROUT2
OUTPUT
Right Output 2 (line or speaker/headphone)
16
LOUT2
OUTPUT
Left Output 2 (line or speaker/headphone)
17
HPVDD
SUPPLY
Supply for Analog Output Drivers (LOUT1/2, ROUT1/2)
18
AVDD
SUPPLY
Analog Supply
19
AGND
SUPPLY
Analog Ground
20
ADCREF
OUTPUT
Connected to Decoupling Capacitor
21
VMID
OUTPUT
Connected to Decoupling Capacitor
22
MICBIAS
OUTPUT
Microphone Bias
23
RINPUT3/HPDET
INPUT
Right Channel Input 3 or Headphone plug-in detection
24
LIN3
INPUT
Left Channel Input 3
25
RIN2
INPUT
Right Channel Input 2
26
LIN2
INPUT
Left Channel Input 2
27
RIN1
INPUT
Right Channel Input 1
28
LIN1
INPUT
Left Channel Input 1
29
DACREF
OUTPUT
Connected to Decoupling capacitor
30
CE
INPUT
Control Select or Device Address Selection
31
CDATA
I/O
Control DATA Input or Output
32
CCLK
INPUT
Control Clock Input
MCLK 1
DVDD 2
PVDD 3
DGND 4
SCLK 5
DSDIN 6
DLRCK 7
ASDOUT 8
24 LIN3
23 RIN3/HPDET
22 MICBIAS
21 VMID
20 ADCVREF
19 AGND
18 AVDD
17 HPVDD
PA5750


Numéro de pièce similaire - PA5750

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
NEC
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
   NEC Professional Installation Projector
More results

Description similaire - PA5750

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Analog Devices
ADAU1373 AD-ADAU1373 Datasheet
7Mb / 296P
   Low Power Codec with Speaker and Headphone Amplifier
REV. 0
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com