Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-350B Fiches technique(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

No de pièce SD-350B
Description  350W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-350B Fiches technique(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SD-350B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-350B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-350B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MechanicalSpecification
DeratingCurve
FileName:SD-350-SPEC2011-08-23
CaseNo.912BUnit:mm
AMBIENTTEMPERATURE(
)
100
10
0
20
40
60
80
-20
20
30
40
50
60
SD-350B,C,D-5
others
StaticCharacteristics
B:19
C:36
D:72
24
48
96
36
72
144
90
100
80
70
60
50
40
(HORIZONTAL)
fosc:100KHz
BlockDiagram
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
FAN
FILTER
RECTIFIERS
&
O.T.P.
O.V.P.
(ONLY DSERIES)
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
4,5,6
3
2
7,8,9
Assignment
Assignment
DCINPUT V+
DCOUTPUT V-
DCINPUT V-
DCOUTPUT V+
FG
9
8
2
1
4
3
6
5
7
LED
+V ADJ.
13max.
6-M4L=6mm
32.5
150
215
15
27.5
177.5
32.5
19
150
117.5
4-M4L=5mm
6-M3L=3mm
47.5
Airflow
direction
350WSingleOutputDC-DCConverter
S D - 3 5 0 series
INPUTVOLTAGE(V)


Numéro de pièce similaire - SD-350B

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
SD-350B ASTRODYNE-SD-350B Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350B MEANWELL-SD-350B Datasheet
207Kb / 3P
   350W Single Output DC-DC Converter
SD-350B MEANWELL-SD-350B Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350B ASTRODYNE-SD-350B Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
More results

Description similaire - SD-350B

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
SD-350D-24 MEANWELL-SD-350D-24 Datasheet
413Kb / 3P
   350W Single Output DC-DC Converter
SD-350 MEANWELL-SD-350_10 Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350 ASTRODYNE-SD-350 Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350 MEANWELL-SD-350 Datasheet
207Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD350 ASTRODYNE-SD350 Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com