Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3054BRWZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADM3054BRWZ
Description  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3054BRWZ Fiches technique(HTML) 2 Page - Analog Devices

  ADM3054BRWZ Datasheet HTML 1Page - Analog Devices ADM3054BRWZ Datasheet HTML 2Page - Analog Devices ADM3054BRWZ Datasheet HTML 3Page - Analog Devices ADM3054BRWZ Datasheet HTML 4Page - Analog Devices ADM3054BRWZ Datasheet HTML 5Page - Analog Devices ADM3054BRWZ Datasheet HTML 6Page - Analog Devices ADM3054BRWZ Datasheet HTML 7Page - Analog Devices ADM3054BRWZ Datasheet HTML 8Page - Analog Devices ADM3054BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADM3054
Data Sheet
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 4
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
VDE 0884 Insulation Characteristics (Pending)...................... 6
Absolute Maximum Ratings ....................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ..............................................9
Test Circuits and Switching Characteristics................................ 13
Theory of Operation ...................................................................... 15
CAN Transceiver Operation..................................................... 15
Thermal Shutdown .................................................................... 15
Truth Tables................................................................................. 15
Electrical Isolation...................................................................... 16
Magnetic Field Immunity ......................................................... 17
Applications Information .............................................................. 18
Typical Applications................................................................... 18
Packaging and Ordering Information ......................................... 20
Outline Dimensions................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
10/11—Revision 0: Initial Version


Numéro de pièce similaire - ADM3054BRWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

Description similaire - ADM3054BRWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com