Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS711L1 Fiches technique(PDF) 6 Page - Siemens Semiconductor Group

No de pièce BTS711L1
Description  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS711L1 Fiches technique(HTML) 6 Page - Siemens Semiconductor Group

Back Button BTS711L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 9Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BTS 711 L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
6
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel,
Tj = -40°C:
Tj = 25°C:
Tj = 150°C:
I L (OL)
1
10
10
10
--
--
--
200
150
150
mA
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Open load detection voltage12)
Tj =-40..+150°C: VOUT(OL)
234
V
Internal output pull down
(OUT to GND), VOUT = 5 V
Tj =-40..+150°C: RO
41030
k
Input and Status Feedback13)
Input resistance
(see circuit page 8)
Tj =-40..+150°C:
RI
2.5
3.5
6
k
Input turn-on threshold voltage
Tj =-40..+150°C:
VIN(T+)
1.7
--
3.5
V
Input turn-off threshold voltage
Tj =-40..+150°C:
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
Tj =-40..+150°C:
IIN(off)
1--
50
µA
On state input current
VIN = 5 V:
Tj =-40..+150°C:
IIN(on)
20
50
90
µA
Delay time for status with open load after switch
off (other channel in off state)
(see timing diagrams, page 13
),
Tj =-40..+150°C:
td(ST OL4)
100
320
800
µs
Delay time for status with open load after switch
off (other channel in on state)
(see timing diagrams, page 13
),
Tj =-40..+150°C:
td(ST OL5)
--
5
20
µs
Status invalid after positive input slope
(open load)
Tj =-40..+150°C:
td(ST)
--
200
600
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
--
0.4
0.6
V
12) External pull up resistor required for open load detection in off state.
13) If ground resistors R
GND are used, add the voltage drop across these resistors.


Numéro de pièce similaire - BTS711L1

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
BTS711L1 INFINEON-BTS711L1 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_12 Datasheet
1Mb / 18P
   Smart High-Side Power Switch
Rev 1.3, 2012-01-16
More results

Description similaire - BTS711L1

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS720L1 SIEMENS-BTS720L1 Datasheet
378Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS721L1 SIEMENS-BTS721L1 Datasheet
192Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS710L1 SIEMENS-BTS710L1 Datasheet
180Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com