Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS707 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS707 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BTS707 Datasheet HTML 1Page - Siemens Semiconductor Group BTS707 Datasheet HTML 2Page - Siemens Semiconductor Group BTS707 Datasheet HTML 3Page - Siemens Semiconductor Group BTS707 Datasheet HTML 4Page - Siemens Semiconductor Group BTS707 Datasheet HTML 5Page - Siemens Semiconductor Group BTS707 Datasheet HTML 6Page - Siemens Semiconductor Group BTS707 Datasheet HTML 7Page - Siemens Semiconductor Group BTS707 Datasheet HTML 8Page - Siemens Semiconductor Group BTS707 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROFET® BTS 707
Semiconductor Group
1
08.96
Smart Two Channel Highside Power Switch
Features
• Overload protection
• Current limitation
• Short-circuit protection
• Thermal shutdown
• Overvoltage protection
• Fast demagnetization of inductive loads
• Reverse battery protection1)
• Open drain diagnostic output
• Open load detection in OFF-state
• CMOS compatible input
• Loss of ground and loss of V
bb protection
• Electrostatic discharge (ESD) protection
Application
• µC compatible power switch with diagnostic feedback
for 12 V and 24 V DC grounded loads
• Most suitable for inductive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, monolithically integrated in Smart SIPMOS® technology. Fully protected by embedded protection
functions.
Pin Definitions and Functions
Pin
Symbol
Function
1,10,
11,12,
15,16,
19,20
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
3
IN1
Input 1,2, activates channel 1,2 in case of
7
IN2
logic high signal
17,18
OUT1
Output 1,2, protected high-side power output
13,14
OUT2
of channel 1,2. Design the wiring for the max.
short circuit current
4
ST1
Diagnostic feedback 1,2 of channel 1,2,
8
ST2
open drain, low in on state on failure or high in
off state on failure
2
GND1
Ground 1 of chip 1 (channel 1)
6
GND2
Ground 2 of chip 2 (channel 2)
5,9
N.C.
Not Connected
1
)
With external current limit (e.g. resistor RGND=150 Ω) in GND connection, resistor in series with ST
connection, reverse load current limited by connected load.
Product Summary
Overvoltage Protection
Vbb(AZ)
65
V
Operating voltage
Vbb(on)
5.8 ... 58
V
active channels:
one
two parallel
On-state resistance
RON
250
125
m
Nominal load current
IL(NOM)
1.9
2.8
A
Pin configuration (top view)
Vbb 1
20 Vbb
GND1 2
19 Vbb
IN1 3
18 OUT1
ST1 4
17 OUT1
N.C. 5
16 Vbb
GND2 6
15 Vbb
IN2 7
14 OUT2
ST2 8
13 OUT2
N.C. 9
12 Vbb
Vbb 10
11 Vbb


Numéro de pièce similaire - BTS707

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Description similaire - BTS707

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS725L1 SIEMENS-BTS725L1 Datasheet
169Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS734L1 SIEMENS-BTS734L1 Datasheet
185Kb / 16P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com