Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2906A Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce 2N2906A
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2906A Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  2N2906A Datasheet HTML 1Page - Central Semiconductor Corp 2N2906A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2906
2N2906A
2N2907
2N2907A
PNP SILICON TRANSISTOR
TO-18 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
2N2906
2N2907
2N2906A
2N2907A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=0.1mA (2N2906, 2N2907)
20
-
35
-
hFE
VCE=10V, IC=0.1mA (2N2906A, 2N2907A)
40
-
75
-
hFE
VCE=10V, IC=1.0mA (2N2906, 2N2907)
25
-
50
-
hFE
VCE=10V, IC=1.0mA (2N2906A, 2N2907A)
40
-
100
-
hFE
VCE=10V, IC=10mA (2N2906, 2N2907)
35
-
75
-
hFE
VCE=10V, IC=10mA (2N2906A, 2N2907A)
40
-
100
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=10V, IC=500mA (2N2906, 2N2907)
20
-
30
-
hFE
VCE=10V, IC=500mA (2N2906A, 2N2907A)
40
-
50
-
www.centr a lsemi.com
R4 (30-January 2012)


Numéro de pièce similaire - 2N2906A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2N2906A PHILIPS-2N2906A Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
logo
Comset Semiconductor
2N2906A COMSET-2N2906A Datasheet
151Kb / 3P
   GENERAL PURPOSE AMPLIFIERS TRANSISTORS
logo
Semicoa Semiconductor
2N2906A SEMICOA-2N2906A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Continental Device Indi...
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
More results

Description similaire - 2N2906A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com