Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI52147-A01AGMR Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI52147-A01AGMR
Description  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52147-A01AGMR Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI52147-A01AGMR Datasheet HTML 3Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 4Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 5Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 6Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 7Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 8Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 9Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 10Page - Silicon Laboratories SI52147-A01AGMR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Si52147
Preliminary Rev. 0.1
7
2. Functional Description
2.1. Crystal Recommendations
The clock device requires a parallel resonance crystal. Substituting a series resonance crystal causes the clock
device to operate at the wrong frequency and violates the ppm specification. For most applications there is a
300 ppm frequency shift between series and parallel crystals due to incorrect loading.
2.1.1. Crystal Loading
Crystal loading plays a critical role in achieving low ppm performance. To realize low ppm performance, use the
total capacitance the crystal sees to calculate the appropriate capacitive loading (CL).
Figure 1 shows a typical crystal configuration using the two trim capacitors. It is important that the trim capacitors
are in series with the crystal. It is not true that load capacitors are in parallel with the crystal and are approximately
equal to the load capacitance of the crystal.
Figure 1. Crystal Capacitive Clarification
2.1.2. Calculating Load Capacitors
In addition to the standard external trim capacitors, consider the trace capacitance and pin capacitance to calculate
the crystal loading correctly. Again, the capacitance on each side is in series with the crystal. The total capacitance
on both side is twice the specified crystal load capacitance (CL). Trim capacitors are calculated to provide equal
capacitive loading on both sides.
Figure 2. Crystal Loading Example
Table 4. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Shunt
Cap (max)
Motional
(max)
Tolerance
(max)
Stability
(max)
Aging
(max)
25 MHz
AT
Parallel
12–15 pF
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Numéro de pièce similaire - SI52147-A01AGMR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si52147-A01AGMR SILABS-Si52147-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52147-A01AGMR SKYWORKS-SI52147-A01AGMR Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Description similaire - SI52147-A01AGMR

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com