Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2050 Fiches technique(PDF) 3 Page - Tiger Electronic Co.,Ltd

No de pièce TDA2050
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2050 Fiches technique(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TDA2050 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TDA2050
3/6
Continue:
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
RL=4Ω
f=1kHz,Po=0.1 to 24W
f=100Hz to 10kHz,Po=0.1 to 18W
0.03
0.5
0.5
%
Total harmonic distortion
d
Vs=±22V RL=8Ω
f=1kHz,Po=0.1 to 20W
f=100Hz to 10kHz,Po=0.1 to 15W
0.02
0.5
%
Slew Rate
SR
5
8
V/µs
Open loop voltage gain
Gv
80
dB
Closed loop voltage gain
Gv
30
30.5
31
dB
Power bandwidth(-3dB)
BW
RL=4Ω
Vi=200mV
20 to 80000
Hz
Total input noise
eN
Curve A
B=22Hz to 22kHz
4
5
10
µV
Input resistance(pin 1)
Ri
500
kΩ
Supply voltage rejection
SVR
Rs=22kΩ;f=100Hz
Vripple=0.5Vrms
45
dB
Po=28W;RL=4Ω
65
%
Efficiency
η
Po=25W; RL=8Ω
Vs=±22V
67
%
Thermal shut-down
Junction temperature
Tsd-j
150
°C


Numéro de pièce similaire - TDA2050

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
Unisonic Technologies
TDA2050-TB5-T UTC-TDA2050-TB5-T Datasheet
261Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results

Description similaire - TDA2050

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
   22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com