Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3019EB Fiches technique(PDF) 3 Page - Rohm

No de pièce 2SK3019EB
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SK3019EB Fiches technique(HTML) 3 Page - Rohm

  2SK3019EB Datasheet HTML 1Page - Rohm 2SK3019EB Datasheet HTML 2Page - Rohm 2SK3019EB Datasheet HTML 3Page - Rohm 2SK3019EB Datasheet HTML 4Page - Rohm 2SK3019EB Datasheet HTML 5Page - Rohm 2SK3019EB Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SK3019EB
 
Electrical characteristics curves
01
2
3
4
5
0
0.05
0.1
0.15
DRAIN-SOURCE VOLTAGE : VDS (V)
3V
3.5V
2.5V
VGS
=1.5V
4V
2V
Fig.1 Typical output characteristics
Ta
=25°C
Pulsed
0
4
0.1m
100m
GATE-SOURCE VOLTAGE : VGS (V)
1
10m
3
2
1m
0.2m
0.5m
2m
5m
50m
20m
200m
Ta
=125°C
75
°C
25
°C
−25°C
VDS
=3V
Pulsed
Fig.2 Typical transfer characteristics
−50
0
0
1
1.5
2
CHANNEL TEMPERATURE : Tch (
°C)
0.5
−25
25
50
75
100
125
150
VDS
=3V
ID
=0.1mA
Pulsed
Fig.3 Gate threshold voltage vs.
channel temperature
0.001
1
2
50
DRAIN CURRENT : ID (A)
0.5
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
5
10
20
Ta
=125°C
75
°C
25
°C
−25°C
VGS
=4V
Pulsed
Fig.4 Static drain-source on-state
resistance vs. drain current (
Ι)
0.001
1
2
50
0.5
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
5
10
20
VGS
=2.5V
Pulsed
DRAIN CURRENT : ID (A)
Ta
=125°C
75
°C
25
°C
−25°C
Fig.5 Static drain-source on-state
resistance vs. drain current (
ΙΙ)
0.0001
0.001
0.01
0.02
0.5
DRAIN CURRENT : ID (A)
0.005
0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05
0.05
0.1
0.2
0.1 0.2
0.5
0.002
Ta
=−25°C
25
°C
75
°C
125
°C
VDS
=3V
Pulsed
Fig.8 Forward transfer
admittance vs. drain current
0
5
10
15
20
0
5
10
15
GATE-SOURCE VOLTAGE : VGS (V)
ID
=10mA
Ta
=25°C
Pulsed
ID
=1mA
Fig.6 Static drain-source
on-state resistance vs.
gate-source voltage
−50
0
25
150
0
3
6
9
CHANNEL TEMPERATURE : Tch (
°C)
−25
50
75
100 125
2
1
4
5
7
8
VGS
=4V
Pulsed
ID
=100mA
ID
=10mA
Fig.7 Static drain-source on-state
resistance vs. channel
temperature
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
VGS
=0V
Pulsed
Ta
=125°C
75
°C
25
°C
−25°C
Fig.9 Reverse drain current vs.
source-drain voltage (
Ι)
3/5
2011.10 - Rev.A


Numéro de pièce similaire - 2SK3019EB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
   2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
   N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
   N-channel MOSFET
More results

Description similaire - 2SK3019EB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com