Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB41-600B Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd

No de pièce BTB41-600B
Description  40A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTB41-600B Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTB41-600B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA/BTB41-600B
GENERAL DESCRIPTION
40A TRIACS
Available either in through-hole or surface-mount packages, the BTA/BTB41 - 600B triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
40.0
A
Non-repetitive peak on-state current
I
TSM
420
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
VDRM
I
D=0.1mA
600
V
Repetitive peak off-state
current
IDRM
V
DRM=520V
10
uA
On-state voltage
VTM
I
T=60A
1.55
V
Holding current
IH
I
T=0.5A,IGT=50mA
80
mA
Gate trigger
Current
T2+G+
IGT
V
AK=12V
R
L=30
50
mA
T2+G-
50
T2-G-
50
T2-G+
100
Gate trigger
Voltage
T2+G+
VGT
V
D=12V
R
L=30
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.3
TO-3P
TIGER ELECTRONIC CO.,LTD


Numéro de pièce similaire - BTB41-600B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB41-600B STMICROELECTRONICS-BTB41-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB41-600B STMICROELECTRONICS-BTB41-600B Datasheet
74Kb / 5P
   STANDARD TRIACS
BTB41-600B STMICROELECTRONICS-BTB41-600B Datasheet
95Kb / 7P
   40A TRIACS
logo
Inchange Semiconductor ...
BTB41-600B ISC-BTB41-600B Datasheet
163Kb / 1P
   isc Thyristors
logo
STMicroelectronics
BTB41-600BRG STMICROELECTRONICS-BTB41-600BRG Datasheet
85Kb / 7P
   40A TRIACs
More results

Description similaire - BTB41-600B

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
80810 STMICROELECTRONICS-80810 Datasheet
95Kb / 7P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com