Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB12-600C Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd

No de pièce BTB12-600C
Description  12A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTB12-600C Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTB12-600C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA/BTB12-600C
GENERAL DESCRIPTION
12A TRIACS
Available either in through-hole or surface-mount packages, the BTA/BTB12 - 600C triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
TO-220AB
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
12.0
A
Non-repetitive peak on-state current
I
TSM
120
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
VDRM
I
D=0.1mA
600
V
Repetitive peak off-state
current
IDRM
V
DRM=520V
10
uA
On-state voltage
VTM
I
T=17A
1.55
V
Holding current
IH
I
T=0.5A,IGT=20mA
25
mA
Gate trigger
Current
T2+G+
IGT
V
AK=12V
R
L=30
25
mA
T2+G-
25
T2-G-
25
T2-G+
50
Gate trigger
Voltage
T2+G+
VGT
V
D=12V
R
L=30
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.3
TIGER ELECTRONIC CO.,LTD


Numéro de pièce similaire - BTB12-600C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB12-600C STMICROELECTRONICS-BTB12-600C Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-600C KERSEMI-BTB12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600C ISC-BTB12-600C Datasheet
107Kb / 1P
   With TO-220AB non insulated package
logo
STMicroelectronics
BTB12-600C STMICROELECTRONICS-BTB12-600C Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
BTB12-600C STMICROELECTRONICS-BTB12-600C Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
More results

Description similaire - BTB12-600C

FabricantNo de pièceFiches techniqueDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com