Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ11A Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
SMAJ11A Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 5 page SMAJ5.0A thru SMAJ188CA www.vishay.com Vishay General Semiconductor Revision: 26-Jan-12 4 Document Number: 88390 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 5 - Typical Transient Thermal Impedance Fig. 6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only PACKAGE OUTLINE DIMENSIONS in inches (millimeters) 1 10 100 1000 0.001 0.01 0.1 1.0 10 100 1000 tp - Pulse Duration (s) 10 1 100 10 50 100 200 Number of Cycles at 60 Hz T J = TJ Max. 8.3 ms Single Half Sine-Wave 0.008 (0.203) 0.194 (4.93) 0.208 (5.28) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.078 (1.98) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) Cathode Band 0 (0) DO-214AC (SMA) Mounting Pad Layout 0.074 (1.88) MAX. 0.208 (5.28) REF. 0.066 (1.68) MIN. 0.060 (1.52) MIN. 0.030 (0.76) 0.060 (1.52) |
Numéro de pièce similaire - SMAJ11A |
|
Description similaire - SMAJ11A |