Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD553C45S50L Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SD553C45S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 560 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD553C45S50L Fiches technique(HTML) 4 Page - Vishay Siliconix

  SD553C45S50L Datasheet HTML 1Page - Vishay Siliconix SD553C45S50L Datasheet HTML 2Page - Vishay Siliconix SD553C45S50L Datasheet HTML 3Page - Vishay Siliconix SD553C45S50L Datasheet HTML 4Page - Vishay Siliconix SD553C45S50L Datasheet HTML 5Page - Vishay Siliconix SD553C45S50L Datasheet HTML 6Page - Vishay Siliconix SD553C45S50L Datasheet HTML 7Page - Vishay Siliconix SD553C45S50L Datasheet HTML 8Page - Vishay Siliconix SD553C45S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93177
4
Revision: 14-May-08
SD553C..S50L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 560 A
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristic
0
250
500
750
10 0 0
12 5 0
15 0 0
17 5 0
20 0 0
22 5 0
25 0 0
0
1 00 200 3 00 400 5 00 60 0 700 800
180°
120°
90°
60°
30°
Averag e Forw ard Current (A)
RMS Lim it
Co n d uc tio n An g le
SD5 53C..S50L Series
T = 125°C
J
0
500
1000
1500
2000
2500
3000
3500
0
2 00
400
6 00
800
10 00
12 00
DC
180°
120°
90°
60°
30°
Average Forwar d Current (A)
RM S Lim it
C o nd uc tion Pe riod
SD553 C..S50L Series
T = 125°C
J
3000
4000
5000
6000
7000
8000
9000
1 0000
1 1000
1 2000
0
0
1
0
1
1
N um b e r O f E q ua l A m p litud e H a lf Cy c le C urre n t Pulse s (N )
S D 55 3C ..S5 0L S e rie s
In it ia l T = 1 2 5 °C
@ 60 H z 0 .0 083 s
@ 50 H z 0 .0 100 s
At An y R a te d L o a d C o n d it io n An d W it h
5 0 % R a t e d V
A p p lie d Fo llo w in g S u rg e
RRM
J
20 0 0
40 0 0
60 0 0
80 0 0
10 000
12 000
14 000
1
1
.
0
1
0
.
0
Pu lse T ra in D u ra tio n ( s)
M ax imu m No n R e pe t it iv e Su rg e C u rre nt
SD 5 5 3 C ..S5 0 L Se rie s
In itial T = 1 2 5°C
No V o lta g e Re ap plie d
50% R at e d V
R e ap p lie d
V e rsu s P ulse T ra in D u rat io n .
RRM
J
100
1000
1000 0
1 .522. 5
3
3.544 .5
5
T = 25°C
J
In stan tan eous Forward V oltage (V )
T = 125°C
J
SD55 3C..S5 0L Series
0. 0 0 1
0. 01
0. 1
0 . 0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
Sq u a re W a v e P u lse D u ra t io n ( s)
St e a d y S ta t e V a lu e
R
= 0. 073 K / W
(Sin g le S id e C o o le d )
R
= 0. 031 K / W
( D oub le S id e C o o led )
(D C O p e ra t io n )
thJ -hs
thJ - hs
SD 5 5 3 C . . S5 0 L S e rie s


Numéro de pièce similaire - SD553C45S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD553C45S50L VISHAY-SD553C45S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
More results

Description similaire - SD553C45S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD553CS50L VISHAY-VS-SD553CS50L Datasheet
255Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 04-Apr-14
VS-SD553CS50L VISHAY-VS-SD553CS50L_V01 Datasheet
234Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
01-Jan-2022
SD553C30S50L VISHAY-SD553C30S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com