Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD553C36S50L Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SD553C36S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 560 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD553C36S50L Fiches technique(HTML) 2 Page - Vishay Siliconix

  SD553C36S50L Datasheet HTML 1Page - Vishay Siliconix SD553C36S50L Datasheet HTML 2Page - Vishay Siliconix SD553C36S50L Datasheet HTML 3Page - Vishay Siliconix SD553C36S50L Datasheet HTML 4Page - Vishay Siliconix SD553C36S50L Datasheet HTML 5Page - Vishay Siliconix SD553C36S50L Datasheet HTML 6Page - Vishay Siliconix SD553C36S50L Datasheet HTML 7Page - Vishay Siliconix SD553C36S50L Datasheet HTML 8Page - Vishay Siliconix SD553C36S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93177
2
Revision: 14-May-08
SD553C..S50L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 560 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
560 (210)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1120
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
12 000
t = 8.3 ms
12 570
t = 10 ms
50 % VRRM
reapplied
10 100
t = 8.3 ms
10 570
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
721
kA2s
t = 8.3 ms
658
t = 10 ms
50 % VRRM
reapplied
510
t = 8.3 ms
466
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
7210
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.77
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.95
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.98
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.89
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ =125 °C, tp = 10 ms sinusoidal wave
3.24
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S50
5.0
1000
100
- 50
6.0
900
250
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Mounting force, ± 10 %
14 700
(1500)
N
(kg)
Approximate weight
255
g
Case style
Conforms to JEDEC
DO-200AB (B-PUK)
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Numéro de pièce similaire - SD553C36S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD553C36S50L VISHAY-SD553C36S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
More results

Description similaire - SD553C36S50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD553CS50L VISHAY-VS-SD553CS50L Datasheet
255Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 04-Apr-14
VS-SD553CS50L VISHAY-VS-SD553CS50L_V01 Datasheet
234Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
01-Jan-2022
SD553C30S50L VISHAY-SD553C30S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com