Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD453NR Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce SD453NR
Description  Fast Recovery Diodes (Stud Version), 400/450 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD453NR Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button SD453NR Datasheet HTML 3Page - Vishay Siliconix SD453NR Datasheet HTML 4Page - Vishay Siliconix SD453NR Datasheet HTML 5Page - Vishay Siliconix SD453NR Datasheet HTML 6Page - Vishay Siliconix SD453NR Datasheet HTML 7Page - Vishay Siliconix SD453NR Datasheet HTML 8Page - Vishay Siliconix SD453NR Datasheet HTML 9Page - Vishay Siliconix SD453NR Datasheet HTML 10Page - Vishay Siliconix SD453NR Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 93176
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 08-Apr-08
7
SD453N/R Series
Fast Recovery Diodes
(Stud Version), 400/450 A
Vishay High Power Products
Fig. 22 - Recovery Charge Characteristics
Fig. 23 - Recovery Current Characteristics
Fig. 24 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 25 - Frequency Characteristics
Fig. 26 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 27 - Frequency Characteristics
0
200
400
600
800
1000
1200
0
50 100 150 200 250 300
Rate Of Fa ll Of Forward Current - di/ d t (A/ µs)
500 A
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/ R..S30 Series
T = 150 °C; V > 100V
r
J
0
50
100
150
200
250
300
350
400
450
500
550
0
50 100 150 200 250 300
500 A
Rate Of Fa ll Of Forward Current - di/ dt (A/ µs)
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/ R..S30 Series
T = 150 °C; V > 100V
J
r
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
10 joules per p ulse
6
4
dv/ dt = 1000V/ µs
Sinusoidal Pulse
0.6
0.4
0.2
0.1
SD453N/ R..S20 Series
T = 150°C, V
= 800V
J
RRM
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
50 Hz
200
10000
100
4000
dv/ d t = 1000V/ us
400
1000
2000
6000
Sinusoidal Pulse
1500
3000
T = 70°C, V
= 800V
C
RRM
SD453N/R..S20 Series
tp
600
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules per pulse
6
Trapezoidal Pulse
0.8
0.6
SD453N/ R..S20 Series
T = 150°C, V
= 800V
J
RRM
dv/ dt = 1000V/ µs; d i/ dt = 300A/ µs
tp
0.4
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Tra pezoidal Pulse
50 Hz
100
200
400
1000
1500
2000
4000
3000
600
6000
SD453N/R..S20 Series
T = 70°C, V
= 800V
dv/ dt = 1000V/us,
d i/ dt = 300A/ us
RRM
C
tp


Numéro de pièce similaire - SD453NR

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD453NR VISHAY-SD453NR Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
More results

Description similaire - SD453NR

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
VS-SD453N VISHAY-VS-SD453N Datasheet
406Kb / 11P
   Fast Recovery Diodes (Stud Version), 400 A, 450 A
Revision: 21-Jan-14
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
VS-SD400N VISHAY-VS-SD400N Datasheet
199Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 25-Nov-13
SD203NR VISHAY-SD203NR Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
VS-SD203NR VISHAY-VS-SD203NR Datasheet
276Kb / 10P
   Fast Recovery Diodes (Stud Version) 200 A
01-Jan-2022
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com