Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD403C04S10C Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SD403C04S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 430 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD403C04S10C Fiches technique(HTML) 2 Page - Vishay Siliconix

  SD403C04S10C_12 Datasheet HTML 1Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 2Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 3Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 4Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 5Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 6Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 7Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 8Page - Vishay Siliconix SD403C04S10C_12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93175
2
Revision: 04-Aug-08
SD403C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 430 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IRRM MAXIMUM
AT TJ = 125 °C
mA
SD403C..S10C
04
400
500
35
08
800
900
10
1000
1100
SD403C..S15C
12
1200
1300
14
1400
1500
16
1600
1700
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
430 (210)
A
55 (75)
°C
Maximum RMS current
IF(RMS)
25 °C heatsink temperature double side cooled
675
A
Maximum peak, one-cycle ,
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
6180
t = 8.3 ms
6470
t = 10 ms
100 % VRRM
reapplied
5200
t = 8.3 ms
5445
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
191
kA2s
t = 8.3 ms
175
t = 10 ms
100 % VRRM
reapplied
135
t = 8.3 ms
123
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1910
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.00
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.20
Low level of forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.56
m
Ω
High level of forward slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.70
Maximum forward voltage drop
VFM
Ipk = 1350 A, TJ = 25 °C; tp = 10 ms sinusoidal wave
1.83
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S10
1.0
750
25
- 30
2.4
52
33
S15
1.5
2.9
90
44
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Numéro de pièce similaire - SD403C04S10C_12

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD403C04S10C IRF-SD403C04S10C Datasheet
163Kb / 7P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
SD403C04S10C VISHAY-SD403C04S10C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Description similaire - SD403C04S10C_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
SD403C04S10C VISHAY-SD403C04S10C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
VS-SD403CC VISHAY-VS-SD403CC_V01 Datasheet
261Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com