Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD400C04C Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SD400C04C
Description  Standard Recovery Diodes (Hockey PUK Version), 800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD400C04C Fiches technique(HTML) 1 Page - Vishay Siliconix

  SD400C04C_12 Datasheet HTML 1Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 2Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 3Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 4Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 5Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 6Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93547
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 05-Mar-08
1
Standard Recovery Diodes
(Hockey PUK Version), 800 A
SD400C..C Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 2400 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AA
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
800 A
DO-200AA
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
800
A
Ths
55
°C
IF(RMS)
1435
A
Ths
25
°C
IFSM
50 Hz
8250
A
60 Hz
8640
I2t
50 Hz
340
kA2s
60 Hz
311
VRRM
Range
400 to 2400
V
TJ
- 40 to 190
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 150 °C
mA
SD400C..C
04
400
500
15
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
24
2400
2500


Numéro de pièce similaire - SD400C04C_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
More results

Description similaire - SD400C04C_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com