Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD263C30S50L Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SD263C30S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 375 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD263C30S50L Fiches technique(HTML) 2 Page - Vishay Siliconix

  SD263C30S50L_12 Datasheet HTML 1Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 2Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 3Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 4Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 5Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 6Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 7Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 8Page - Vishay Siliconix SD263C30S50L_12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93173
2
Revision: 14-May-08
SD263C..S50L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 375 A
Note
(1) dI/dt = 25 A/µs, TJ = 25 °C
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
375 (150)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
725
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
5500
t = 8.3 ms
5760
t = 10 ms
50 % VRRM
reapplied
4630
t = 8.3 ms
4850
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
151
kA2s
t = 8.3 ms
138
t = 10 ms
50 % VRRM
reapplied
107
t = 8.3 ms
98
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1510
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.56
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.71
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.64
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
1.53
Maximum forward voltage drop
VFM
Ipk = 1000 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
3.20
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 150 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt (1)
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S50
5.0
1000
100
- 50
4.5
680
240
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.11
K/W
DC operation double side cooled
0.05
Mounting force, ± 10 %
9800 (1000)
N (kg)
Approximate weight
230
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Numéro de pièce similaire - SD263C30S50L_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Description similaire - SD263C30S50L_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 04-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com