Moteur de recherche de fiches techniques de composants électroniques |
|
1N1186A Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
1N1186A Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 8 page Document Number: 93492 For technical questions, contact: ind-modules@vishay.com www.vishay.com Revision: 25-May-09 3 1N1183, 1N3765, 1N1183A, 1N2128A Series Power Silicon Rectifier Diodes, 35 A/40 A/60 A Vishay High Power Products Notes (1) JEDEC registered values (2) Recommended for pass-through holes (3) Recommended for holed threaded heatsinks Fig. 1 - Maximum Allowable Case Temperature vs. Average Forward Current, 1N1183 and 1N3765 Series Fig. 2 - Typical Low Level Forward Power Loss vs. Average Forward Current (Sinusoidal Current Waveform), 1N1183 and 1N3765 Series THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS 1N1183 1N3765 1N1183A 1N2128A UNITS Maximum operating case temperature range TC - 65 to 190 (1) - 65 to 200 °C Maximum storage temperature range TStg - 65 to 175 (1) - 65 to 200 Maximum internal thermal resistance, junction to case RthJC DC operation 1.00 (1) 1.1 (1) 0.65 (1) °C/W Thermal resistance, case to sink RthCS Mounting surface, smooth, flat and greased 0.25 Maximum allowable mounting torque (+ 0 %, - 10 %) Not lubricated thread, tighting on nut (2) 3.4 (30) N · m (lbf · in) Lubricated thread, tighting on nut (2) 2.3 (20) Not lubricated thread, tighting on hexagon (3) 4.2 (37) Lubricated thread, tighting on hexagon (3) 3.2 (28) Approximate weight 17 g 0.6 oz. Case style JEDEC DO-203AB (DO-5) |
Numéro de pièce similaire - 1N1186A |
|
Description similaire - 1N1186A |