Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1721AT-N1 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TEA1721AT-N1
Description  Ultra-low standby SMPS controller with integrated power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721AT-N1 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TEA1721AT-N1 Datasheet HTML 4Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 5Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 6Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 7Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 8Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 9Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 10Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 11Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TEA1721AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 1 — 24 January 2012
8 of 14
NXP Semiconductors
TEA1721AT
Ultra-low standby SMPS controller with integrated power switch
8.
Characteristics
Table 5.
Characteristics
VCC = 20 V; VFB = 0 V; Rsource = 1.5 Ω; Tj-switch = 25 °C; Tj-controller = 25 °C; all voltages referenced to GND,
positive currents flow into the IC, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply (Pin: VCC)
ICC(startup)0V
start-up supply current
VCC =0V
-
-1.2
-
mA
ICC(startup)17V
start-up supply current
VCC = VCC(startup)
--0.7
-mA
ICC(energysave)
supply current in
energy save
VFB = 2.8 V, non-switching
90
130
170
µA
ICC(50kHz)
supply current at 50
kHz
530
750
970
µA
VCC(startup)
start-up supply voltage
15
17
19
V
VCC(stop)
stop supply voltage
undervoltage lockout of IC
7.5
8.5
9.5
V
Vovp-VCC
overvoltage protection
voltage level on VCC
40
42
44
V
Totp
overtemperature
protection threshold
temperature on
controller die
-150
-°C
Totp(hys)
overtemperature
protection temperature
hysteresis
-50
-°C
Feedback (Pin: FB)
Vovp-FB
overvoltage protection
voltage level on
regulated flyback
voltage
3.1
3.2
3.3
V
Vsense(fb)CVB
regulated flyback
sense voltage in CVB
mode
2.5
2.55
2.6
V
Vsense(fb)CVB_low
threshold flyback
sense voltage for direct
transition from CVB
mode to CVC mode
due to low output
in burst mode operation
-
2.4
-
V
Vsense(fb)CV
regulated flyback
sense voltage in CV
mode
2.5
2.55
2.6
V
Vth(det)demag(fb)
demagnetization
detection voltage level
on FB pin
25
50
75
mV
Oscillator (Pins: DRAIN and SOURCE)
fburst
burst frequency
burst frequency in CVB mode, without
jitter
390
430
470
Hz
fjit/fsw
jitter frequency to
switching frequency
ratio
in all operation modes except in burst
modes
579%


Numéro de pièce similaire - TEA1721AT-N1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

Description similaire - TEA1721AT-N1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
logo
STMicroelectronics
STIH205 STMICROELECTRONICS-STIH205 Datasheet
82Kb / 4P
   Advanced HD AVC processor with integrated low power standby controller
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
logo
STMicroelectronics
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
   Advanced dual HD AVC processor with integrated low power standby controller
logo
Texas Instruments
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC24630 TI-UCC24630_15 Datasheet
696Kb / 38P
[Old version datasheet]   UCC24630 Synchronous Rectifier Controller With Ultra-Low-Standby Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com