Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1721AT-N1 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TEA1721AT-N1
Description  Ultra-low standby SMPS controller with integrated power switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721AT-N1 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TEA1721AT-N1 Datasheet HTML 1Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 2Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 3Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 4Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 5Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 6Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 7Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 8Page - NXP Semiconductors TEA1721AT-N1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TEA1721AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 1 — 24 January 2012
5 of 14
NXP Semiconductors
TEA1721AT
Ultra-low standby SMPS controller with integrated power switch
5.3 Operating modes
The TEA1721 operates in three modes, one of which is active at the time. The three
modes in order of decreasing load impedance are:
CVB: Constant Voltage with Burst mode
CV: Constant Voltage mode
CC: Constant Current mode
The converter acts as a voltage source in CVB and CV modes.
The converter acts as a current source in CC mode.
5.3.1 Constant Voltage with Burst mode (CVB)
At low power, the TEA1721 operates in Burst mode.
Burst mode operates with a VSOURCE = 100 mV, a switching frequency of 22.5 kHz and
burst duty-cycle regulation by sensing the FB voltage.
The TEA1721 features an energy save function that puts the main part of the analogue
blocks in a sleep mode with low supply current in burst mode. The burst mode enables the
energy save mode in the non-switching part of the burst. The IC switches to the nominal
supply just before new burst starts.
Transition from burst mode to CV mode happens at 100 % burst duty cycle: a burst
completely filled with 32 pulses. This 100 % pulse train is identical to the lowest power
level of the CV mode. The TEA1721 changes directly from burst mode to current mode if
the FB voltage drops below 2.4 V in burst mode.
5.3.2 Constant Voltage mode (CV)
At higher power levels, the TEA1721 operates in CV mode. The output voltage is sensed
by the FB pin and the control keeps the output voltage constant over the power range.
CV mode starts at 22.5 kHz switching frequency and ISOURCE regulation at the VSOURCE
minimum level of 100 mV.
With an increasing power output, the VSOURCE level and the switching frequency are also
increased.
CV mode is exited when the maximum power level is reached. Maximum power occurs at
ISOURCE regulation at the VSOURCE maximum level of 555 mV and a maximum switching
frequency of 50.5 kHz.


Numéro de pièce similaire - TEA1721AT-N1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

Description similaire - TEA1721AT-N1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
logo
STMicroelectronics
STIH205 STMICROELECTRONICS-STIH205 Datasheet
82Kb / 4P
   Advanced HD AVC processor with integrated low power standby controller
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
logo
STMicroelectronics
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
   Advanced dual HD AVC processor with integrated low power standby controller
logo
Texas Instruments
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC24630 TI-UCC24630_15 Datasheet
696Kb / 38P
[Old version datasheet]   UCC24630 Synchronous Rectifier Controller With Ultra-Low-Standby Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com