Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G00GS Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74LVC1G00GS
Description  Single 2-input NAND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G00GS Fiches technique(HTML) 5 Page - NXP Semiconductors

  74LVC1G00GS Datasheet HTML 1Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC1G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 7 December 2011
5 of 17
NXP Semiconductors
74LVC1G00
Single 2-input NAND gate
10. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 C.
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = 8mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
-
-
0.1
-
0.1
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.70
V
IO =8mA; VCC = 2.3 V
-
-
0.3
-
0.45
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.60
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.80
V
IO =32mA; VCC = 4.5 V
-
-
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
0.1
5-
100
A
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO =5.5 V
-
0.1
10
-
200
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-0.1
10
-
200
A
I
CC
additional
supply current
VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO =0 A;
per pin
-
5
500
-
5000
A
CI
input
capacitance
VCC =3.3 V; VI = GND to VCC
-5
-
-
-
pF


Numéro de pièce similaire - 74LVC1G00GS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G00GS NXP-74LVC1G00GS Datasheet
425Kb / 17P
   Single 2-input NAND gate
Rev. 8-20 October 2010
logo
Nexperia B.V. All right...
74LVC1G00GS NEXPERIA-74LVC1G00GS Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
More results

Description similaire - 74LVC1G00GS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com