Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G125 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC1G125
Description  Bus buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G125 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G125 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVC1G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2011
6 of 19
NXP Semiconductors
74LVC1G125
Bus buffer/line driver; 3-state
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 C.
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
 V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
 V
CC
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 1.65 V to 5.5 V; IO = 100 A-
-
0.1
V
VCC = 1.65 V; IO = 4 mA
-
-
0.70
V
VCC = 2.3 V; IO = 8 mA
-
-
0.45
V
VCC = 2.7 V; IO = 12 mA
-
-
0.60
V
VCC = 3.0 V; IO = 24 mA
-
-
0.80
V
VCC = 4.5 V; IO = 32 mA
-
-
0.80
V
VOH
HIGH-level output voltage VI =VIH or VIL
VCC = 1.65 V to 5.5 V; IO = 100 AVCC  0.1
-
-
V
VCC = 1.65 V; IO = 4 mA
0.95
-
-
V
VCC = 2.3 V; IO = 8 mA
1.7
-
-
V
VCC = 2.7 V; IO = 12 mA
1.9
-
-
V
VCC = 3.0 V; IO = 24 mA
2.0
-
-
V
VCC = 4.5 V; IO = 32 mA
3.4
-
-
V
II
input leakage current
VCC = 0 V to 5.5 V; VI =5.5 V orGND
-
-
100
A
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL;
VO =5.5 V or GND
--
200
A
IOFF
power-off leakage current VCC = 0 V; VI or VO = 5.5 V
-
-
200
A
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65Vto 5.5V; IO =0A
-
-
200
A
I
CC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO = 0 A
--
5000
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit


Numéro de pièce similaire - 74LVC1G125

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC1G125 TI-74LVC1G125 Datasheet
119Kb / 8P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G125 NXP-74LVC1G125 Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G125 NXP-74LVC1G125 Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
More results

Description similaire - 74LVC1G125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com