Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9628BCPZRL7-105 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9628BCPZRL7-105
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9628BCPZRL7-105 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9628BCPZRL7-105 Datasheet HTML 4Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 5Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 6Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 7Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 8Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 9Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 10Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 11Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9628
Rev. 0 | Page 8 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 4.
AD9628-105
AD9628-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
1000
1000
MHz
Conversion Rate1
DCS Enabled
Full
20
105
20
125
MSPS
DCS Disabled
Full
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (t
CLK)
Full
9.52
8
ns
CLK Pulse Width High (t
CH)
Full
4.76
4
ns
Aperture Delay (t
A)
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter, t
J)
Full
0.07
0.07
ps rms
DATA OUTPUT PARAMETERS
CMOS Mode (DRVDD = 1.8 V)
Data Propagation Delay (t
PD)
Full
1.8
2.9
4.4
1.8
2.9
4.4
ns
DCO Propagation Delay (t
DCO)
2
Full
2.0
3.1
4.4
2.0
3.1
4.4
ns
DCO to Data Skew (t
SKEW)
Full
−1.2
−0.1
+1.0
−1.2
−0.1
+1.0
ns
LVDS Mode (DRVDD = 1.8 V)
Data Propagation Delay (t
PD)
Full
2.4
2.4
ns
DCO Propagation Delay (t
DCO)
2
Full
2.4
2.4
ns
DCO to Data Skew (t
SKEW)
Full
−0.20
+0.03
+0.25
−0.20
+0.03
+0.25
ns
CMOS Mode Pipeline Delay (Latency)
Full
16
16
Cycles
LVDS Mode Pipeline Delay (Latency) Channel A/Channel B
Full
16/16.5
16/16.5
Cycles
Wake-Up Time (Power Down)3
Full
350
350
µs
Wake-Up Time (Standby)
Full
250
250
ns
Out-of-Range Recovery Time
Full
2
2
Cycles
1 Conversion rate is the clock rate after the divider.
2 Additional DCO delay can be added by writing to Bit 0 through Bit 2 in SPI Register 0x17 (see Table 18).
3 Wake-up time is defined as the time required to return to normal operation from power-down mode.


Numéro de pièce similaire - AD9628BCPZRL7-105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9628BCPZRL7-105 AD-AD9628BCPZRL7-105 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628BCPZRL7-105 AD-AD9628BCPZRL7-105 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
More results

Description similaire - AD9628BCPZRL7-105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9608 AD-AD9608 Datasheet
1Mb / 40P
   10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com