Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9608BCPZ-125 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9608BCPZ-125
Description  10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9608BCPZ-125 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9608BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 10Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 11Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 12Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 13Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9608
Rev. 0 | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical1
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
VIN+A/VIN+B, VIN−A/VIN−B to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
SYNC to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to DRVDD + 0.2 V
SCLK/DFS to AGND
−0.3 V to DRVDD + 0.2 V
SDIO/DCS to AGND
−0.3 V to DRVDD + 0.2 V
OEB
−0.3 V to DRVDD + 0.2 V
PDWN
−0.3 V to DRVDD + 0.2 V
D0A, D0B through D9A, D9B to AGND
−0.3 V to DRVDD + 0.2 V
DCOA
, DCOB to AGND
−0.3 V to DRVDD + 0.2 V
Environmental
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
THERMAL CHARACTERISTICS
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints and maximizes the
thermal capability of the package.
Table 7. Thermal Resistance
Package
Type
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
Ψ
JT
1, 2
Unit
0
22.3
1.4
N/A
0.1
°C/W
1.0
19.5
N/A
11.8
0.2
°C/W
64-Lead
LFCSP
9 mm × 9 mm
(CP-64-4)
2.5
17.5
N/A
N/A
0.2
°C/W
1 Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-Std 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown Table 7, airflow improves heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes reduces θJA.
ESD CAUTION
1 The inputs and outputs are rated to the supply voltage (AVDD or DRVDD)
+
0.2 V but should not exceed 2.1 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Numéro de pièce similaire - AD9608BCPZ-125

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9608BCPZ-125 AD-AD9608BCPZ-125 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
More results

Description similaire - AD9608BCPZ-125

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com