Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC88LV926 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC88LV926
Description  LOW SKEW CMOS PLL 68060 CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88LV926 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC88LV926 Datasheet HTML 1Page - Motorola, Inc MC88LV926 Datasheet HTML 2Page - Motorola, Inc MC88LV926 Datasheet HTML 3Page - Motorola, Inc MC88LV926 Datasheet HTML 4Page - Motorola, Inc MC88LV926 Datasheet HTML 5Page - Motorola, Inc MC88LV926 Datasheet HTML 6Page - Motorola, Inc MC88LV926 Datasheet HTML 7Page - Motorola, Inc MC88LV926 Datasheet HTML 8Page - Motorola, Inc MC88LV926 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC88LV926
TIMING SOLUTIONS
BR1333 — REV 5
3
MOTOROLA
MAXIMUM RATINGS*
Symbol
Parameter
Limits
Unit
VCC, AVCC
DC Supply Voltage Referenced to GND
–0.5 to 7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, Per Pin
±20
mA
Iout
DC Output Sink/Source Current, Per Pin
±50
mA
ICC
DC VCC or GND Current Per Output Pin
±50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Limits
Unit
VCC
Supply Voltage
3.3
±0.3
V
Vin
DC Input Voltage
0 to VCC
V
Vout
DC Output Voltage
0 to VCC
V
TA
Ambient Operating Temperature
0 to 70
°C
ESD
Static Discharge Voltage
> 1500
V
DC CHARACTERISTICS (TA = 0°C to 70°C; VCC = 3.3V ± 0.3V)4
Symbol
Parameter
VCC
Guaranteed Limits
Unit
Condition
VIH
Minimum High Level Input Voltage
3.0
3.3
2.0
2.0
V
VOUT = 0.1V or
VCC – 0.1V
VIL
Minimum Low Level Input Voltage
3.0
3.3
0.8
0.8
V
VOUT = 0.1V or
VCC – 0.1V
VOH
Minimum High Level Output Voltage
3.0
3.3
2.2
2.5
V
VIN = VIH or VIL
IOH
–36mA
–36mA
VOL
Minimum Low Level Output Voltage
3.0
3.3
0.55
0.55
V
VIN = VIH or VIL
IOH
+36mA
1
+36mA
IIN
Maximum Input Leakage Current
3.3
±1.0
µA
VI = VCC, GND
ICCT
Maximum ICC/Input
3.3
2.0 2
mA
VI = VCC – 2.1V
IOLD
Minimum Dynamic3 Output Current
3.3
88
mA
VOLD = 1.0V Max
IOHD
3.3
–88
mA
VOHD = 3.85 Min
ICC
Maximum Quiescent Supply Current
3.3
750
µA
VI = VCC, GND
1. IOL is +12mA for the RST_OUT output.
2. The PLL_EN input pin is not guaranteed to meet this specification.
3. Maximum test duration 2.0ms, one output loaded at a time.
4. The MC88LV926 can also be operated from a 5.0V supply. VOH output levels will vary 1:1 with VCC, input levels and current specs will be
unchanged.


Numéro de pièce similaire - MC88LV926

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
More results

Description similaire - MC88LV926

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com