Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC79L18ACP Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC79L18ACP
Description  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79L18ACP Fiches technique(HTML) 4 Page - Motorola, Inc

  MC79L18ACP Datasheet HTML 1Page - Motorola, Inc MC79L18ACP Datasheet HTML 2Page - Motorola, Inc MC79L18ACP Datasheet HTML 3Page - Motorola, Inc MC79L18ACP Datasheet HTML 4Page - Motorola, Inc MC79L18ACP Datasheet HTML 5Page - Motorola, Inc MC79L18ACP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC79L00, A Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VI = –33 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ < +125°C, unless otherwise noted).
MC79L24C
MC79L24AC
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–22.1
–24
–25.9
–23
–24
–25
Vdc
Input Regulation
(TJ = +25°C)
–27 Vdc
≥ VI ≥ –38 Vdc
–27.5 Vdc
≥ VI ≥ –38 Vdc
–28 Vdc
≥ VI ≥ –38 Vdc
Regline
350
300
350
300
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
200
100
200
100
mV
Output Voltage
–27 Vdc
≥ VI ≥ –38 V, 1.0 mA ≤ IO ≤ 40 mA
–28 Vdc
≥ VI ≥ –38 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –33 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–21.4
–21.4
–26.4
–26.4
–22.8
–22.8
–25.2
–25.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–28 Vdc
≥ VI ≥ –38 Vdc
1.0 mA
≤ IO ≤ 40 mA
∆IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
200
200
µV
Ripple Rejection
(–29
≤ VI ≤ –35 Vdc, f = 120 Hz, TJ = +25°C)
RR
30
43
31
47
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc
APPLICATIONS INFORMATION
Design Considerations
The MC79L00, A Series of fixed voltage regulators are
designed with Thermal Overload Protections that shuts down
the circuit when subjected to an excessive power overload
condition, Internal Short Circuit Protection that limits the
maximum current the circuit will pass.
In many low current applications, compensation
capacitors are not required. However, it is recommended that
the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long wire
length, or if the output load capacitance is large. An input
bypass capacitor should be selected to provide good
high–frequency characteristics to insure stable operation
under all load conditions. A 0.33
µF or larger tantalum, mylar,
or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should
be mounted with the shortest possible leads directly across
the regulator’s input terminals. Normally good construction
techniques should be used to minimize ground loops and
lead resistance drops since the regulator has no external
sense lead. Bypassing the output is also recommended.
Figure 1. Positive and Negative Regulator
Figure 2. Standard Application
+Vin
+VO
0.1
µF
–Vin
–VO
0.33
µF
MC78LXX
MC79LXX
0.1
µF
0.33
µF
Input
Output
CO**
0.1
µF
CI*
0.33
µF
MC79LXX
A common ground is required between the input and the output
voltages. The input voltage must remain typically 2.0 V above
the output voltage even during the low point on the ripple voltage.
* CI is required if regulator is located an appreciable
* distance from the power supply filter
** CO improves stability and transient response.


Numéro de pièce similaire - MC79L18ACP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L18ACPG ONSEMI-MC79L18ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Description similaire - MC79L18ACP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com