Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

932S805CGLF Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 932S805CGLF
Description  K8 Clock Chip for Serverworks HT2100 Servers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

932S805CGLF Fiches technique(HTML) 1 Page - Integrated Device Technology

  932S805CGLF Datasheet HTML 1Page - Integrated Device Technology 932S805CGLF Datasheet HTML 2Page - Integrated Device Technology 932S805CGLF Datasheet HTML 3Page - Integrated Device Technology 932S805CGLF Datasheet HTML 4Page - Integrated Device Technology 932S805CGLF Datasheet HTML 5Page - Integrated Device Technology 932S805CGLF Datasheet HTML 6Page - Integrated Device Technology 932S805CGLF Datasheet HTML 7Page - Integrated Device Technology 932S805CGLF Datasheet HTML 8Page - Integrated Device Technology 932S805CGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS932S805C
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
K8 Clock Chip for Serverworks HT2100 Servers
DATASHEET
1
Recommended Application:
Output Features:
Serverworks HT2100-based systems using AMD K8
processors
7 - Pairs of AMD K8 clocks
6 - Pair of SRC/PCI Express* clock
3 - 14.318 MHz REF clocks
3 - 48MHz clocks
2 - PCI 33 MHz clocks
2 - 25MHz clocks
Spread Spectrum for EMI reduction
Outputs may be disabled via SMBus
M/N programming via SMBus
Features:
Pin Configuration:
X1 1
64 VDD25MHz
X2 2
63 25MHz_0
VDDREF 3
62 25MHz_1
FS0/REF0 4
61 GND25MHz
FS1/REF1 5
60 SPREAD_EN
FS2/REF2 6
59 CPUCLK8T6
GNDREF 7
58 CPUCLK8C6
VDD48 8
57 CPUCLK8T5
48MHz_0 9
56 CPUCLK8C5
48MHz_1 10
55 VDDCPU
48MHz_211
54GND
GND4812
53CPUCLK8T4
SCLK 13
52 CPUCLK8C4
SDATA 14
51 CPUCLK8T3
VDDPCI 15
50 CPUCLK8C3
**FS3/PCICLK0 16
49 VDDCPU
PCICLK117
48GND
GNDPCI 18
47 CPUCLK8T2
PD# 19
46 CPUCLK8C2
GND 20
45 CPUCLK8T1
VDDA 21
44 CPUCLK8C1
GNDA 22
43 CPUCLK8T0
IREF 23
42 CPUCLK8C0
VDDA 24
41 VDDCPU
SRCCLKT0 25
40 GND
SRCCLKC0 26
39 VDDSRC
SRCCLKT1 27
38 SRCCLKT5
SRCCLKC1 28
37 SRCCLKC5
SRCCLKT2 29
36 SRCCLKT4
SRCCLKC2 30
35 SRCCLKC4
VDDSRC 31
34 SRCCLKT3
GNDSRC 32
33 SRCCLKC3
64-TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
VDD
GND
8
12
48MHz Clocks
64
61
25MHz Clocks
15
18
33 MHz PCI Clocks
21,24
22
IREF, Analog Core
31, 39
32
SRC clocks
55, 49, 41
54, 48, 40
K8 CPU Clocks
3
7
REF Clocks, Xtal Osc.
Pin Number
Description
Functionality
Power Groups
Bit2
FS2
Bit1
FS1
Bit0
FS0
CPU
(MHz)
00
0
Hi-Z
00
1
X/4
0
1
0
180.00
0
1
1
220.00
1
0
0
100.00
1
0
1
133.33
1
1
0
166.67
1
1
1
200.00


Numéro de pièce similaire - 932S805CGLF

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932S805CGLF RENESAS-932S805CGLF Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S805CGLFT RENESAS-932S805CGLFT Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
More results

Description similaire - 932S805CGLF

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
logo
Integrated Circuit Syst...
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com