Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

932S203YFLXT Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 932S203YFLXT
Description  Frequency Generator with 133MHz Differential CPU Clocks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

932S203YFLXT Fiches technique(HTML) 1 Page - Integrated Device Technology

  932S203YFLXT Datasheet HTML 1Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 2Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 3Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 4Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 5Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 6Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 7Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 8Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICS932S203
IDTTM Frequency Generator with 133MHz Differential CPU Clocks
0601G—01/26/10
Frequency Generator with 133MHz Differential
CPU Clocks
1
DATASHEET
Pin Configuration
Recommended Application:
Servers based on Intel CK408 processors
Output Features:
4 Differential CPU Clock Pairs @ 3.3V
7 PCI (3.3V) @ 33.3MHz
3 PCI_F (3.3V) @ 33.3MHz
1 USB (3.3V) @ 48MHz
1 DOT (3.3V) @ 48MHz
1 REF (3.3V) @ 14.318MHz
1 3V66 (3.3V) @ 66.6MHz
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN
or 66.6MHz
1 66MHz_IN/3V66 (3.3V) @ Input/66MHz
Features:
Supports spread spectrum modulation,
down spread 0 to -0.5%.
Efficient power management scheme through PD#
and PCI_STOP#.
Uses external 14.318MHz crystal
Stop clocks and functional control available through
SMBus interface.
Key Specifications:
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <150ps
56-Pin 300mil SSOP/TSSOP
* These inputs have 150K internal pull-up resistor to VDD.
Block Diagram
Functionality
1
S
F0
S
F
U
P
C
)
z
H
M
(
6
6
V
3
)
z
H
M
(
]
0
:
2
[
f
f
u
B
6
6
]
2
:
4
[
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
10
0
0
16
.
6
6h
t
a
p
n
I
6
.
6
62
/
n
i
6
.
6
6
11
3
.
3
3
16
.
6
6h
t
a
p
n
I
.
6
62
/
n
i
6
.
6
6
00
0
0
16
.
6
66
.
6
63
.
3
3
01
3
.
3
3
16
.
6
66
.
6
63
.
3
3
d
i
m0
Z
-
i
HZ
-
i
HZ
-
i
HZ
-
i
H
d
i
m1
2
/
k
l
c
T4
/
k
l
c
T4
/
k
l
c
T8
/
k
l
c
T


Numéro de pièce similaire - 932S203YFLXT

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932S203YFLXT RENESAS-932S203YFLXT Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results

Description similaire - 932S203YFLXT

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
   Frequency Generator with 133MHz Differential CPU Clocks
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com