Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9LPR502 Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPR502 Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPR502 Datasheet HTML 7Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 8Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 9Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 10Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 11Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 12Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 13Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 14Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
11
Datasheet
Funtional Block Diagram
Power Groups
General Description
ICS9LPR502 follows Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation Intel processors and Intel chipsets. ICS9LPR502 is driven with a 14.318MHz crystal. It also provides a tight
ppm accuracy output for Serial ATA and PCI-Express support.
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(7:3)
PLL2
Non-SS
PLL3
SS
7
SRC8/ITP
PCI(5:0)
SRC2/SATA
SRC1/SE(2:1)
SE Outputs
SATA
DOT96MHz
PCI33MHz
SRC
SRC
SR C _M A IN
PCI33MHz
Differential Output
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A:F)
SRC5_EN
ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2
VDD
GND
41
44
CPUCLK
Low power outputs
47
44
26, 37
23,34
Low power outputs
31
23,34
PLL 1
20
19
Low power outputs
16
19
PLL 3
12
11
DOT 96Mhz
Low power outputs
911
53
50
28
USB 48
Xtal, REF
PCICLK
SRCCLK
Pin Number
Description
PLL3/SE
Master Clock, Analog


Numéro de pièce similaire - ICS9LPR502

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
More results

Description similaire - ICS9LPR502

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
List of Unclassifed Man...
ICS9LPR502SGLFT ETC-ICS9LPR502SGLFT Datasheet
285Kb / 29P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
logo
Integrated Device Techn...
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
   56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
   64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com