Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT807CTQGI Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce 74FCT807CTQGI
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807CTQGI Fiches technique(HTML) 6 Page - Integrated Device Technology

  74FCT807CTQGI Datasheet HTML 1Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 2Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 3Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 4Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 5Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 6Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 7Page - Integrated Device Technology 74FCT807CTQGI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
Pulse
Generator
R T
D.U.T.
V CC
V IN
C
V OUT
L
50pF
Pulse
Generator
R T
D.U.T.
VCC
V IN
V OUT
C L
30pF
Pulse
Generator
R T
D.U.T.
VCC
V IN
V OUT
50
10pF
220pF
Pulse
Generator
R T
D.U.T.
V CC
V IN
V OUT
100
100
10pF
V CC
Pulse
Generator
R T
D.U.T.
VCC
V IN
C L
V OUT
50pF
500
500
7.0V
The capacitor value for AC termination is determined by the operating frequency. For
very low frequencies a higher capacitor value should be selected.
TEST CIRCUITS
Fig. 5: Enable and Disable Time Circuit
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test
Switch
Disable LOW
6V
Enable LOW
Disable HIGH
GND
Enable HIGH
SWITCH POSITION
Fig. 1: 50
Ω to VCC/2, CL = 10pF
Fig. 2: 50
Ω AC Termination, CL = 10pF
Fig. 3: CL = 30pF Circuit
Fig. 4: CL = 50pF Circuit


Numéro de pièce similaire - 74FCT807CTQGI

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74FCT807CTQGI RENESAS-74FCT807CTQGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

Description similaire - 74FCT807CTQGI

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com