Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5V19EE904NLGI Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 5V19EE904NLGI
Description  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

5V19EE904NLGI Fiches technique(HTML) 1 Page - Integrated Device Technology

  5V19EE904NLGI Datasheet HTML 1Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 2Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 3Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 4Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 5Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 6Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 7Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 8Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DATASHEET
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE904
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
1
IDT5V19EE904
REV G 022310
Description
The IDT5V19EE904 is a programmable clock generator
intended for high performance data-communications,
telecommunications, consumer, and networking
applications. There are four internal PLLs, each individually
programmable, allowing for four unique non-integer-related
frequencies. The frequencies are generated from a single
reference clock. The reference clock can come from one of
the two redundant clock inputs. A glitchless automatic or
manual switchover function allows any one of the redundant
clocks to be selected during normal operation.
The IDT5V19EE904 is in-system, programmable and can
be programmed through the use of I2C interface. An
internal EEPROM allows the user to save and restore the
configuration of the device without having to reprogram it on
power-up.
Each of the four PLLs has an 7-bit reference divider and a
12-bit feedback divider. This allows the user to generate
four unique non-integer-related frequencies. The PLL loop
bandwidth is programmable to allow the user to tailor the
PLL response to the application. For instance, the user can
tune the PLL parameters to minimize jitter generation or to
maximize jitter attenuation. Spread spectrum generation
and/or fractional divides are allowed on two of the PLLs.
There are a total of six 8-bit output dividers.The outputs are
connected to the PLLs via a switch matrix. The switch
matrix allows the user to route the PLL outputs to any
output bank. This feature can be used to simplify and
optimize the board layout. In addition, each output's slew
rate and enable/disable function is programmable.
Features:
Four internal PLLs
Internal non-volatile EEPROM
Fast (400kHz) mode I2C serial interface
Input frequency range: 1 MHz to 200 MHz
Output frequency range: 4.9 kHz to 200 MHz
Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
(maximum crystal range is best effort)
Integrated VCXO
Four independently controlled VDDO (1.8V - 3.3V)
Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
8-bit output-divider blocks
Fractional division capability on one PLL
Two of the PLLs support spread spectrum generation
capability
I/O Standards:
– Outputs - 1.8 - 3.3 V LVTTL/ LVCMOS
– Inputs - 3.3 V LVTTL/ LVCMOS
Programmable slew rate control
Programmable loop bandwidth
Programmable output inversion to reduce bimodal jitter
Redundant clock inputs with glitchless auto and manual
switchover options
Individual output enable/disable
Power-down mode
3.3V core V
DD
Available in VFQFPN package
-40 to +85 C Industrial Temp operation


Numéro de pièce similaire - 5V19EE904NLGI

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
5V19EE904NLGI RENESAS-5V19EE904NLGI Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
5V19EE904NLGI8 RENESAS-5V19EE904NLGI8 Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results

Description similaire - 5V19EE904NLGI

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE404 RENESAS-IDT5V19EE404 Datasheet
478Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
logo
Integrated Device Techn...
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE604 RENESAS-IDT5V19EE604 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com