Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5243B Fiches technique(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No de pièce 1N5243B
Description  High stability and high reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5243B Fiches technique(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N5243B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5243B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
1.0
50
1.0
10
2.0
2.28
2.52
2.38
2.63
2.57
2.83
2.66
2.94
2.85
3.15
3.13
3.46
3.42
3.78
3.71
4.09
4.09
4.93
4.47
5.35
4.85
5.88
5.32
5.70
5.89
6.46
5
3
1.0
4.0
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
100
75
75
25
15
5
5
5
5
3
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
3.5
5.0
6.51
7.14
6.30
4.51
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
特征 Features
·最大功率耗散500mW。
Maximum power dissipation of 500 mW
·齐纳击穿阻抗低。
Low zener impedance
机械数据 Mechanical Data
·封装: DO-35 玻璃封装
Case: DO-35 Glass Case
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
·高稳定性和可靠性。
High stability and high reliability
·反向漏电流小。
Low reverse leakage
mW
175
Tj
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
存储温度
单位 Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-55 --- +150
Pd
Ts
500
电特性 TA = 25℃
Electrical Characteristics Ratings at 25℃ ambient temperature
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
7.13
7.87
7.79
8.61
8.27
9.13
6.5
1N5236B
1N5237B
1N5238B
6.0
6.5
20
20
20
3
3
3
SIYU R
Power Dissipation
Operating junction temperature
Storage temperature range
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
30
30
29
17
23
7
30
30
28
24
22
19
11
7
5
8
6
8
VF ≤ 1.1V @IF = 200mA
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1N52 Series
大昌电子
DACHANG ELECTRONICS
DO-35 Glass
Unit:mm
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard


Numéro de pièce similaire - 1N5243B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N5243B VISHAY-1N5243B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5243B MCC-1N5243B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5243B TGS-1N5243B Datasheet
264Kb / 3P
   Zener diode
logo
Tak Cheong Electronics ...
1N5243B TAK_CHEONG-1N5243B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5243B VISHAY-1N5243B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Description similaire - 1N5243B

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
logo
Vishay Siliconix
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
   High Temperature Stability and High Reliability Conditions
Revision: 03-Jul-15
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com