Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-16WRFG Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce BC817-16WRFG
Description  200mW, NPN Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC817-16WRFG Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC817-16WRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC817-16WRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC817-16W/25W/40W
200mW, NPN Small Signal Transistor
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT-323 small outline plastic package
1.90
2.10
0.075
0.083
1.15
1.35
0.045
0.053
0.25
0.35
0.010
0.014
1.20
1.40
0.047
0.055
2.00
2.20
0.079
0.087
0.80
1.00
0.031
0.039
Package
Packing
Marking
SOT-323
3K / 7" Reel
6CR
SOT-323
3K / 7" Reel
6CS
SOT-323
3K / 7" Reel
6CT
SOT-323
3K / 7" Reel
6CR
SOT-323
3K / 7" Reel
6CS
SOT-323
3K / 7" Reel
6CT
Maximum Ratings
1)Transistor mounted on an FR4 printed-circuit board.
SOT-323
Type Number
Symbol
Epitaxial planar die construction
Weight : 0.005gram (approximately)
Maximum Ratings and Electrical Characteristics
C
Unit (mm)
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
5
200
Collector-Base Voltage
Collector-Emitter Voltage
VCBO
VCEO
BC817-40W RF
BC817-16W RFG
Unit (inch)
Dimensions
Suggested PAD Layout
V
B
E
V
45
50
Rating at 25°C ambient temperature unless otherwise specified.
Power Dissipation
PD
Units
mW
BC817-25W RFG
BC817-40W RFG
Value
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
High temperature soldering guaranteed: 260°C/10s
F
D
Junction and Storage Temperature Range
TJ, TSTG
VEBO
Collector Current
IC
Emitter-Base Voltage
Thermal Resistance,Junction to Ambient
JA
Ordering Information
Part No.
BC817-16W RF
BC817-25W RF
V
°C
0.5
-65 to + 150
A
625
k/w
B
A
C
D
F
E
1.6
0.063
0.65
0.026
0.8
0.031
0.8
0.031
2 Emitter
3 Collector
1 Base
Version : A11


Numéro de pièce similaire - BC817-16WRFG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC817-16W PHILIPS-BC817-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Infineon Technologies A...
BC817-16W INFINEON-BC817-16W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Diodes Incorporated
BC817-16W DIODES-BC817-16W Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
BC817-16W SECOS-BC817-16W Datasheet
263Kb / 2P
   NPN Plastic Encapsulate Transistor
More results

Description similaire - BC817-16WRFG

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
   NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817W TSC-BC817W Datasheet
350Kb / 6P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
343Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC807W TSC-BC807W Datasheet
553Kb / 4P
   200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
   200mW, PNP Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com